PART |
Description |
Maker |
AM29F040-120/BUA AM29F040-120/BXA AM29F040-150DEB |
150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3315S with Standard Packaging 150V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3315S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR8721PBF with Standard Packaging 60V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFZ34E with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU120Z with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR48Z with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; Similar to IRL3803L with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFZ24NS with Lead Free Packaging x8 Flash EEPROM x8闪存EEPROM
|
Advanced Micro Devices, Inc.
|
IRL3803S IRL3803SPBF IRL3803STRL IRL3803STRR IRL38 |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
X24C01ASI-3.5C7000 X24C01AS-3.5C7000 X24C01ASM-3.5 |
I2C Serial EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRL2703S with Standard Packaging 200V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRFB42N20D with Lead Free Packaging I2C串行EEPROM
|
飞思卡尔半导体(中国)有限公司
|
PT110 PT006 PT210 PT225 PT125 PT215 PT610 PT106-66 |
30V Single N-Channel HEXFET Power MOSFET in a D2Pak package; A IRL8113S with Standard Packaging -30V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7205 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3305 with Lead Free Packaging 150V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB4321PBF with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF1405ZS with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7473 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2Pak package; Similar to IRF540ZS with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF9Z24N with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRLU8203 with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ34NS with Standard Packaging TRIAC|600V V(DRM)|6A I(T)RMS|TO-66 TRIAC|50V V(DRM)|25A I(T)RMS|TO-208VAR1/2 TRIAC|100V V(DRM)|2.5A I(T)RMS|TO-5 TRIAC|200V V(DRM)|15A I(T)RMS|TO-208VAR1/2 such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; Similar to IRF6644 qualified for use such as active OR'ing. Shipped in Tape and Reel only. Part is not available in bulk, TR is implied in part number.; A IRF6644 with Standard Tape and Reel 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRFS4610 with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRLR7811W with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL520NS with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR120N with Lead Free Packaging TRIAC|50V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|100V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|600V V(DRM)|6A I(T)RMS|TO-5VAR TRIAC|50V V(DRM)|3A I(T)RMS|TO-208VAR1/2 TRIAC|50V V(DRM)|3A I(T)RMS|PRESS-13 TRIAC|100V V(DRM)|3A I(T)RMS|TO-208VAR1/2 AC Relay; Output Device:MOSFET; Output Voltage Max:60VAC; Load Current Max:1A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Switch Function:SPST-NO RoHS Compliant: Yes 100V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7490 with Lead Free Packaging 可控硅| 200伏五(DRM)的| 6A条口(T)的有效值|VAR Microelectronic Power IC HEXFET® Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V AC, 1.0A 可控硅| 400V五(DRM)的| 6A条口(T)的有效值|208VAR1 / 2 100V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS4710 with Standard Packaging 100V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package
|
Microsemi, Corp. LG, Corp.
|
IRFU3709Z IRFR3709Z IRFR3709ZPBF IRFU3709ZPBF |
30V Single N-Channel HEXFET Power MOSFET in a I-Pak package HEXFET Power MOSFET HEXFET功率MOSFET 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF7811AV IRF7811AVTR |
30V Single N-Channel HEXFET Power MOSFET in a SO-8 package N-Channel Application-Specific MOSFETs
|
IRF[International Rectifier] http://
|
IRL6342 IRL6342PBF |
30V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
IRF7811AVPBF-1 IRF7811AVTRPBF-1 |
30V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|
SI4420DYTR |
30V Single N-Channel HEXFET Power MOSFET in a SO-8 package
|
International Rectifier
|